|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ST 2SA608N PNP Silicon Epitaxial Planar Transistor Low - Frequency General - Purpose Amplifier Applications. The transistor is subdivided into two groups F and G according to its DC current gain. Applications: Capable of being used in the low frequency to high frequency range. Features: Large current capacity and wide ASO. TO-92 Plastic Package Weight approx. 0.19g Absolute Maximum Ratings (Ta = 25) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Range -VCBO -VCEO -VEBO -IC -ICP Ptot Tj TS Value 50 50 6 150 400 500 150 -55 to +150 Unit V V V mA mA mW O O C C SEMTECH ELECTRONICS LTD. (Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 17/05/2004 ST 2SA608N Characteristics at Tamb=25 OC Symbol DC Current Gain at -VCE=6V, -IC=1mA Current Gain Group F G at -VCE=6V, -IC=0.1mA Collector Base Breakdown Voltage at -IC=10A Collector Emitter Breakdown Voltage at -IC=1mA Emitter Base Breakdown Voltage at -IE=10A Collector Cutoff Current at -VCB=40V Emitter Cutoff Current at -VEB=5V Collector Emitter Saturation Voltage at -IC=100mA, -IB=10mA Base Emitter Saturation Voltage at -IC=100mA, -IB=10mA Gain Bandwidth Product at -VCE=6V, -IC=10mA Output Capacitance at -VCB=6V, f=1MHz COB 4.5 pF fT 200 MHz -VBE(sat) 1 V -VCE(sat) 0.3 V -IEBO 0.1 A -ICBO 0.1 A -V(BR)EBO 6 V -V(BR)CEO 50 V -V(BR)CBO 60 V hFE hFE hFE 160 280 70 320 560 Min. Typ. Max. Unit SEMTECH ELECTRONICS LTD. (Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 17/05/2004 |
Price & Availability of ST2SA608N |